Part Number Hot Search : 
03CHS1 03CHS1 LT102801 MQC02053 2VQ100 82LS135 2VQ100 SK313
Product Description
Full Text Search
 

To Download SM6802AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM6802A Class-D Stereo Amplifier for Portable Device
OVERVIEW
The SM6802A is an analog-input, class-D stereo amplifier. Class-D operation provides high efficiency and low power consumption. The device also incorporates an original real-time operation dynamic range compression function that effectively suppresses the distortion in the saturation level region output by soft-clipping, boosting the average sound pressure from the speaker during playback. It also incorporates an input equalizer pin for output speaker frequency characteristics adjustment. These features make the device ideal for use in mobile telephones and speaker applications requiring miniaturization and high-efficiency. The output stage has a BTL output configuration where the output waveform inverts only the modulation components, enabling direct drive connection, without using an LC filter, to a dynamic speaker. The device is available in miniature 20-pin QFN packages, and requires only a peripheral chip capacitor to form a miniature amplifier circuit.
FEATURES
I I
PINOUT
(Top view)
LEQN VREF1 TESTN MUTEN LOUTN
20 19 18 17 16
I
I I
I I
APPLICATIONS
I I I
PACKAGE DIMENSIONS
(Unit: mm)
4.20 0.20
Cellular phone PDA Digital still camera
ORDERING INFORMATION
4.20 0.20
4.00 0.10
Device SM6802AB
Package 20-pin QFN
4.00 0.10
20
1 0.50
REQN VSS1 PWDN DRCN ROUTN
Operating supply voltage: 2.7 to 5.5V Low current consumption: 6mA (VDD1 = VDD2 = VDD3 = 3.6V) Output power: 0.7W + 0.7W (VDD1 = VDD2 = VDD3 = 3.6V, 8 load) Output fundamental frequency: 125kHz Gain * 6dB (Normal) * 15dB to 6dB automatic adjustment in response to the input level (Dynamic range compression mode) Silicon-gate CMOS process Package: 20-pin QFN
LEQP LIN VDD1 RIN REQP
1 2 3 4 5 6 7 8 9 10
15 14 13 12 11
VDD3 LOUTP VSS2 ROUTP VDD2
0.60 0.10
0.05 0.22 0.05 0.05 M
1.00MAX
NIPPON PRECISION CIRCUITS INC.--1
+ 0.03 0.02 - 0.02
0.22
SM6802A
BLOCK DIAGRAM
LEQP
LEQN
TESTN DRCN PWDN MUTEN
VDD3
LIN
- +
LEVEL SHIFTER PWM Modulator LEVEL SHIFTER
BUFFER
LOUTP
- +
BUFFER
LOUTN
VREF1 RIN REQP REQN
BIAS VREF
- +
OSC
MUTE,POWERDOWN, PROTECTION
VSS2
LEVEL SHIFTER PWM Modulator LEVEL SHIFTER
BUFFER
ROUTP
- +
BUFFER
ROUT
VSS1 VDD1
VDD2
PIN DESCRIPTION
Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Name*1 LEQP LIN VDD1 RIN REQP REQN VSS1 PDWN DRCN ROUTN VDD2 ROUTP VSS2 LOUTP VDD3 LOUTN MUTEN TESTN VREF1 LEQN I/O*2 I I - I I I - I I O - O - O - O I Ip - O Lch equalizer network connection Lch signal input Supply (input system) Rch signal input Rch equalizer network connection Rch equalizer network connection Ground (input system) Power-down control (active LOW) Dynamic range compression mode setting (HIGH: normal operation, LOW: compression mode) Rch speaker minus (-) output Supply (output stage) Rch speaker plus (+) output Ground (output stage) Lch speaker plus (+) output Supply (output stage) Lch speaker minus (-) output Mute control (active LOW) Test pin (HIGH: normal operation, LOW: test mode) Reference voltage 1 (bias voltage) Lch equalizer network connection Function
*1. VDDS = VDD1, VDDP = VDD2 = VDD3, VSS = VSS1 = VSS2 *2. Ip = input pin with built-in pull-up resistor
NIPPON PRECISION CIRCUITS INC.--2
SM6802A
SPECIFICATIONS
Absolute Maximum Ratings
Parameter Symbol VDDS Supply voltage range VDDP VSS Input voltage range Storage temperature range Output current Power dissipation VIN TSTG IO PD Rating -0.3 to 4.6 -0.3 to 7.0 0 VSS - 0.3 to VDDS + 0.3 -55 to 125 600 1500 (Ta = 25C)*1 Unit V V V V C mA mW
*1. When mounted on a 3.5cm x 3.5cm board, the power dissipation is related to the operating temperature by the following equation.
I I I
Maximum junction temperature: TMAX = 125C Operating ambient temperature: Ta = [C] Thermal resistance: J = 66.6C/W
PD =
(TMAX - Ta) J
1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0
Power dissipation [W]
1.500 1.200 0.900 0.600
25
35
45
55
65
75
85
Operating temperature [C]
Recommended Operating Conditions
VSS = VSS1 = VSS2 = VSS3 = 0V, VDDS =VDD1, VDDP = VDD2, VDD3 unless otherwise noted.
Parameter Supply voltage 1 Supply voltage 2 Operating ambient temperature Note. VDDP VDDS Symbol VDDS VDDP Ta Rating 2.7 to 3.6 2.7 to 5.5 -40 to 85 Unit V V C
NIPPON PRECISION CIRCUITS INC.--3
SM6802A
Electrical Characteristics
DC Characteristics VSS1 = VSS2 = 0V, VDD1 = 2.7 to 3.6V, VDD2 = VDD3 = 2.7 to 5.5V, Ta = -40 to 85C unless otherwise noted.
Rating Parameter Pin Symbol IDD1A IDD1S Current consumption VDD2 VDD2 = VDD3 = 3.6V IDDAS VIH1 VIL1 Input voltage 2 MUTEN, PDWN TESTN, DRCN, MUTEN, PDWN TESTN, DRCN, MUTEN, PDWN VIH2 VIL2 Input current Input leakage current IIL1 ILH1 (Note 2) VDD2 = VDD3 = 5V HIGH level LOW level HIGH level LOW level VIN = VSS VIN = VDD1 - 0.7VDD1 - 1.6 - - - 0.1 - - - - 25 - 0.3 - 0.3VDD1 - 0.4 90 1.0 A V V V V A A - 0.1 0.3 A IDDAA (Note 1) (Note 2) VDD2 = VDD3 = 3.6V (Note 1) VDD2 = VDD3 = 5V - 2.0 7.0 mA Conditions min - - - VDD1 typ 5.0 0.1 0.6 max 7.0 0.5 2.0 mA A mA Unit
Input voltage 1
TESTN, DRCN
Note 1. MUTEN = HIGH, PDWN = HIGH, input and VREF1 connected by 600, DRCN = HIGH, no-load output Note 2. MUTEN = LOW, PDWN = LOW, input and VREF1 connected by 600, DRCN = HIGH, no-load output
NIPPON PRECISION CIRCUITS INC.--4
SM6802A AC Analog Characteristics VDD1 = VDD2 = VDD3 = 3.6V, VSS1 = VSS2 = 0V, 0.708Vrms analog input amplitude, 1kHz input signal frequency, Ta = 25C, "Measurement Block Diagram", "Measurement Conditions", "Measurement Circuit", DRCN = PDWN = MUTEN = HIGH, unless otherwise noted.
Analog Input Characteristics (LIN, RIN)
Rating Parameter Reference input amplitude 1 Reference input amplitude 2 Input resistance Input clipping voltage Symbol VAI1 VAI2 RIN VCLP PO = 0.5W PO = 0.25W PO = 0.05W Conditions min - - 42 0.7 typ 0.708 0.142 60 1 max - - 78 1.3 Vrms Vrms k Vrms Unit
Analog Output Characteristics (LOUTP, LOUTN, ROUTP, ROUTN)
Rating Parameter Symbol Conditions min Voltage gain 1 Voltage gain 2 Residual noise voltage Total harmonic distortion + noise Channel crosstalk Maximum output power Mute-mode output voltage HIGH-level output voltage LOW-level output voltage Efficiency Ripple rejection ratio 1 A1 A2 VNS THD + N CC POMAX VMUTE VOH VOL EEF PSRR1 Maximum output power conditions (Note 2) DRCN = HIGH, input amplitude = 0.1Vrms DRCN = LOW, input amplitude = 0.05Vrms DRCN = HIGH, input and VREF1 connected by 600 PO = 0.2W, reference input amplitude 1 (Note 1) Output power when THD = 10% Output power when MUTEN = LOW 4.0 13.0 - - -60.0 0.6 -90.0 VDDP - 0.2 0 80 - typ 6.0 15.0 78 0.4 -70.0 0.7 -110 VDDP - 0.02 0.02 83 -65 max 8.0 17.0 120 1.0 - 0.8 - VDDP + 0.2 0.2 - - dB dB Vrms % dB W dBV V V % dB Unit
Note 1. Cross-channel leakage signal with standard voltage input on one channel only. Note 2. DRCN = HIGH, 217Hz ripple frequency, 0.2Vrms ripple amplitude on VDD1/VDD2, input and VREF1 connected by 600.
Reference Voltage Characteristics (VREF1)
Rating Parameter Reference output voltage 1 Symbol min VREF1 0.45VDDS typ 0.5VDDS max 0.55VDDS V Unit
NIPPON PRECISION CIRCUITS INC.--5
SM6802A
Measurement Block Diagram
40H SPOUT POS 1F BALANCED INPUT +
EVALUATION BOARD
40H SPOUT NEG 1F
8
AUDIO ANALYZER
BALANCED INPUT -
Measurement Conditions
Audio Analyzer (Audio Precision System Two Cascade) Built-in Filters Low-pass filter (20kHz) ON High-pass filter (22Hz) ON Low-pass filter (20kHz) ON High-pass filter (22Hz) ON A-weighted
Parameter
Excluding residual noise
Residual noise voltage
NIPPON PRECISION CIRCUITS INC.--6
SM6802A
Measurement Circuit
LEQP
LEQN
TESTN
MUTEN
SW3* H L C7 150p LEQN C9 1 VREF1
SW4*
H L
MUTEN
LOUTN
TESTN
R9* SPOUT NEG VDD3 POWER VDD C10 R10* C11 1 R11* R12* SPOUT NEG 1
POWER VDD (2.7 to 5.5V)
C1 LIN
SIGNAL INPUT
LEQP LIN
LOUTP VSS2 ROUTP ROUTN PDWN VDD2 REQN DRCN
SPOUT POS POWER VSS (0V) SPOUT POS
1 VDD1 C2 RIN 1 REQP VSS1
VDD1 RIN
SIGNAL INPUT
SW1* SW2* C8 150p L L
ANALOG VSS (0V)
H
H
REQP
REQN PDWN VSS1 DRCN
SIGNAL VSS (0V)
Note. *C3, C4, C5, C6: not inserted *R1, R2, R3, R4, R5, R6, R7, R8: not inserted *R9, R10, R11, R12: series resistors for dielectric speaker *SW1: HIGH = Power on, LOW = Power off *SW2: HIGH = DRC off, LOW = DRC on *SW3: LOW = Test, HIGH = Normal *SW4: LOW = Mute on, HIGH = Mute off
NIPPON PRECISION CIRCUITS INC.--7
SM6802A
FUNCTIONAL DESCRIPTION
Power-down (PDWN)
The device enters power-down mode when PDWN goes LOW. When powered-down, the outputs become high impedance and the internal oscillation stops. In power-down mode, the MUTEN pin should be held LOW.
Mute (MUTEN)
Mute operation occurs when MUTEN goes LOW. In mute mode, the outputs become high impedance. During mute operation, the protection circuit operation is disabled, but the outputs are protected against output short circuits by their high impedance state. When power is applied, MUTEN should be held LOW for a short interval, shown in the timing diagram below, to prevent pop noise from the speaker. Also, applying and releasing mute operation after power is applied can occur at high speed without generating pop noise.
min. 40msec
PDWN MUTEN
Note. VREF1 load capacitance = 1F
Protection Circuit
The protection circuit operates if there is an output short-circuit to the supply, short-circuit to ground, or other excessive load abnormal condition lasting longer than approximately 1s. Normal operation resumes after approximately 5 seconds. When the protection circuit becomes active, the outputs become high impedance.
NIPPON PRECISION CIRCUITS INC.--8
SM6802A
Input Equalizer (LIN, LEQP, LEQN, RIN, REQP, REQN)
An input equalizer network can be connected to pins LIN, LEQP and LEQN (RIN, REQP and REQN), as shown in the input equivalent circuit and equalizer circuit below.
R01 R02 C02
R04 R03 C03 C04
LEQP 1 (REQP)
LEQN 20 (REQN) 60k
C01 IN'
60k 2 LIN (RIN) VREF1
- +
The frequency response of the equalizer circuit is given by the following equation, where is the frequency.
1 1 + 60000 Response = 20 x log10 1 + 2C01 1 1 R03 + 2C03 + 1 + 2C04 R04 [dB] 1 1 1 + + 60000 R01 1 R02 + 1 2C02
Dynamic Range Compression Mode (DRCN)
The dynamic range compression mode is set when DRCN is LOW. When a compression mode is used, the gain for small input signals is increased while large input signals are converted using a curve that performs soft-clipping. This increases the average sound pressure level emitted from the speaker during playback.
-40 -35 -30 -25 -20 -15 -10
-5
0
5
10 10 5
DRC mode Output [dBV]
0 -5 -10 -15 -20
normal mode
-25 -30 -35 -40
Input [dBV]
NIPPON PRECISION CIRCUITS INC.--9
SM6802A
TYPICAL APPLICATION CIRCUITS
Dynamic Speaker
LC-type LPF Connection
47H OUTPUT IN SPOUT POS 1F
SOUND GENERATOR IC
SM6802
(One side of L/R channels)
47H SPOUT NEG 1F
Direct Connection LC filter may be required for the measure against EMI, if the wiring between this device and load is long.
OUTPUT
IN
SPOUT POS
SOUND GENERATOR IC
SM6802
(One side of L/R channels)
SPOUT NEG
Dielectric Speaker
A dielectric speaker is capacitive in nature, and therefore requires output resistor connection.
OUTPUT
4 IN SPOUT POS
SOUND GENERATOR IC
SM6802
(One side of L/R channels)
*
4 SPOUT NEG
* Dielectric speaker Taiyo Yuden MLS20070, MLS23070, MLS25070 or similar
NIPPON PRECISION CIRCUITS INC.--10
SM6802A
Mounting Circuits
Connection to LC Filter
VDD2
+
1F 1F
VSS2 VDD3
VCC
+
VDD1 1F
Z0
VSS
SM6802
VSS1
LOUTP LOUTN ROUTP ROUTN
LC filter Speaker LC filter LC filter Speaker LC filter
Direct Connection to Load
VDD2
+
10F 10F
VSS2 VDD3
VCC
+
VDD1 1F
Z0
VSS
SM6802
VSS1
LOUTP Speaker LOUTN ROUTP Speaker ROUTN
Note. As for the wiring to VDD1, VDD2, VDD3, VSS1, and VSS2, we recommend to wire from the power supply block. The recommended value of internal impedance (Z0) is approximately less than 1/40 of load resistance.
NIPPON PRECISION CIRCUITS INC.--11
SM6802A
TYPICAL CHARACTERISTICS
Measurement conditions: Refer to "Analog Output Characteristics". Measurement circuit: Refer to "Measurement Circuit".
+10 +7.5 +5 +2.5 +0
DRC
Output [dBV]
-2.5 -5 -7.5 -10 -12.5 -15 -17.5 -20 -30
NORMAL
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
+0
+2.5
+5
Input [dBV]
Input vs. Output
1.8 1.5 Output power [W] 1.2 0.9 0.6 0.3 0 2.5 3 3.5 4 Supply voltage [V] 4.5 5 5.5
Supply voltage vs. Output power
100 50 20 10
10 5 2
THD + N [%]
5 2 1 0.5 0.2 0.1 0.05 0.02 0.01 -25 -22.5
THD + N
500m 200m 100m 50m 20m 10m 5m 2m 1m
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
+0
+2.5
+5
Input [dBV]
Input vs. THD + N and output power
NIPPON PRECISION CIRCUITS INC.--12
Output power [W]
Output power
1
SM6802A
-70 -75 -80 -85 -90 -95
Noise [dB]
-100 -105 -110 -115 -120 -125 -130 -135 -140 20 50 100 200 500 1k 2k 5k 10k 20k
Frequency [Hz]
Residual noise vs. Frequency
10 5 2 1 +6
THD + N
+5 +4 +3 +2 +1 -0 -1 -2 -3 -4 -5 -6
THD + N [%]
0.2 0.1 0.05 0.02 0.01 0.005 0.002 0.001 20 50 100 200 500 1k 2k 5k 10k 20k
Output
Frequency [Hz]
THD + N and output voltage vs. Frequency
+0 -10 -20 -30
PSRR [dBr]
-40 -50 -60 -70 -80 -90 -100 10
PSRR
20
50
100
200
500
1k
2k
5k
10k
20k
Frequency [Hz]
PSSR vs. Frequency
+0 -20 -40
dBr [dB]
-60 -80 -100 -120 -140 20 50 100 200 500 1k 2k 5k 10k 20k
Frequency [Hz]
Channel crosstalk vs. Frequency
NIPPON PRECISION CIRCUITS INC.--13
Output [dBr]
0.5
SM6802A
ASSEMBLING PRECAUTION
Package corner metals are not IC I/O pins. Don't connect any lines to these corner metals.
Bottom view
FOOTPRINT PATTERN
The optimum footprint varies depending on the board material, soldering paste, soldering method, and equipment accuracy, all of which need to be considered to meet design specifications. (Unit: mm)
Package QFN-20 HE 4.2 HD 4.2 e 0.5 b3 0.30 0.05 l1 0.20 0.05 l2 0.70 0.05
b3
e HE b3 e l1 l2 l2 l1 HD /2 HD
NIPPON PRECISION CIRCUITS INC.--14
HE /2
SM6802A
Please pay your attention to the following points at time of using the products shown in this document. The products shown in this document (hereinafter "Products") are not intended to be used for the apparatus that exerts harmful influence on human lives due to the defects, failure or malfunction of the Products. Customers are requested to obtain prior written agreement for such use from NIPPON PRECISION CIRCUITS INC. (hereinafter "NPC"). Customers shall be solely responsible for, and indemnify and hold NPC free and harmless from, any and all claims, damages, losses, expenses or lawsuits, due to such use without such agreement. NPC reserves the right to change the specifications of the Products in order to improve the characteristic or reliability thereof. NPC makes no claim or warranty that the contents described in this document dose not infringe any intellectual property right or other similar right owned by third parties. Therefore, NPC shall not be responsible for such problems, even if the use is in accordance with the descriptions provided in this document. Any descriptions including applications, circuits, and the parameters of the Products in this document are for reference to use the Products, and shall not be guaranteed free from defect, inapplicability to the design for the mass-production products without further testing or modification. Customers are requested not to export or re-export, directly or indirectly, the Products to any country or any entity not in compliance with or in violation of the national export administration laws, treaties, orders and regulations. Customers are requested appropriately take steps to obtain required permissions or approvals from appropriate government agencies. NIPPON PRECISION CIRCUITS INC. 15-6, Nihombashi-kabutocho, Chuo-ku, Tokyo 103-0026, Japan Telephone: +81-3-6667-6601 Facsimile: +81-3-6667-6611 http://www.npc.co.jp/ Email: sales@npc.co.jp
NC0409CE 2005.11
NIPPON PRECISION CIRCUITS INC.--15


▲Up To Search▲   

 
Price & Availability of SM6802AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X